Part Number Hot Search : 
BSX52A ISL2902 MAX265 MB3730A B2312BS1 A115E 1000W DS1236A
Product Description
Full Text Search
 

To Download PE7396-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 confguration design fixed attenuator connector 1 f male connector 2 f female body material and plating brass, tri-metal electrical specifcations * values at 25c, sea level description minimum t ypical maximum units frequency range dc 3 ghz impedance 75 ohms attenuation value 3 db input power 2 w atts vswr 1.3:1 . specifcations by frequency description f1 f2 f3 f4 f5 units range dc to 2 2 to 3 ghz attenuation accuracy 0.3 0.5 db . mechanical specifcations temperature operating range -55 to +80 deg c size length 2.02 in [51.31 mm] width 0.433 in [1 1 mm] . connectors description connector 1 connector 2 type f male f female contact material and plating brass, gold phosphor bronze, gold outer conductor material and plating brass, tri-metal coupling nut material and plating brass, tri-metal hex size 1 1 mm body material and plating brass, tri-metal brass, tri-metal . click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 3 db fixed attenuator, 75 ohm f male to 75 ohm f female brass tri-metal body rated to 2 watts up to 3 ghz PE7396-3 PE7396-3 PE7396-3 rev 1.0 3 db fixed attenuator, 75 ohm f male to 75 ohm f female brass tri-metal body rated to 2 watts up to 3 ghz technical data sheet
2 compliance certifcations (visit www.pasternack.com for current document) rohs compliant plotted and other data 2 dimensional oml drawing pe7396 notes: ? values at 25 c, sea level ? vswr deviation +/- .1% over operating temperature range. outline drawing 3 db fixed attenuator, 75 ohm f male to 75 ohm f female brass tri-metal body rated to 2 watts up to 3 ghz from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 3 db fixed attenuator, 75 ohm f male to 75 ohm f female brass tri-metal body rated to 2 watts up to 3 ghz PE7396-3 url: http://www.pasternack.com/3db-fxed-f-male-f-female-2-watts-attenuator-PE7396-3-p.aspx PE7396-3 PE7396-3 rev 1.0 3 db fixed attenuator, 75 ohm f male to 75 ohm f female brass tri-metal body rated to 2 watts up to 3 ghz technical data sheet


▲Up To Search▲   

 
Price & Availability of PE7396-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X